Part Number Hot Search : 
ND30381A INTEL U1AF28B1 H7019NLT 3SK254 P8P10 FEP16 JK16700
Product Description
Full Text Search
 

To Download PL34220191000MXEX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL340, 341, 342
Vishay Thin Film
Plastic Leadless Chip Carrier
FEATURES
The Vishay Thin Film PL340 series of precision resistor networks in 20 pin J-lead chip carriers provide the largest number of resistors in a single surface mount package. In addition to providing excellent TCR tracking and long-term stability within a large multi-resistor network, costs are minimized. These devices are suitable for all industrial applications as well as in military applications where plastic packaging is acceptable. Custom configurations, values, and tolerance combinations are available with fast turnaround.
Product may not be to scale
PRODUCT CAPABILITIES
Resistance Range Absolute Resistance Tolerance Resistance Ratio Tolerance (Reference Resistor on Pin 1) Absolute TCR Ratio TCR Absolute Resistor Stability Ratio Resistor Stability Package Power Dissipation Operating Temperature Range 500 to 100K 1% to 0.05% 0.1% to 0.05% 50ppm standard 5ppm standard 1000ppm/2000hours @ 70C 300ppm/2000hours @ 70C 500mW/ 70C - 40C to + 85C, - 55C to + 125C
STANDARD CONFIGURATIONS
3 2 1 20 19 4 5 6 7 8 9 10 11 12 13 18 17 16 15 14
PL340 Number of Resistors Number of Leads Type Connection Values Available 10 20 Isolated 500 - 100K
PL340 LC140
13 12 11 10 9 14 15 16 17 18 19 20 1 2 3
13 12 11 10 9 14 15 16 17 18 19 20 1 2 3 8 7 6 5 4
8 7 6 5 4
PL341 Number of Resistors Number of Leads Type Connection Values Available 19 20 Series 500 - 100K
PL341 LC141
PL342 Number of Resistors Number of Leads Type Connection Values Available 19 20 Common 500 - 100K
PL342 LC142
PACKAGED PRODUCTS NETWORKS
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
Document Number: 61066 Revision 14-Nov-02
www.vishay.com 137
PL340, 341, 342
Vishay Thin Film
PACKAGE OUTLINE DRAWING PLASTIC LEADLESS CHIP CARRIER PL340
0.050 inches 4 typical 0.5 typical B1 FP G
Plastic Leadless Chip Carrier
0.027 inches
C
D PIN 1 LOCATOR D1
4 typical J A, B 0.120" DIAMETER 0.003 - 0.004" DEPTH A1
C1
20 LEAD PACKAGE DIMENSIONS in inches [millimeters]
A MINIMUM 0.385 [9.78] NOMINAL 0.390 [9.91] MAXIMUM 0.395 [10.03] A1 0.348 [8.84] 0.350 [8.89] 0.352 [8.94] B 0.385 [9.78] 0.390 [9.91] 0.395 [10.03] B1 0.348 [8.84] 0.350 [8.89] 0.352 [8.94] C --0.045 [1.14] --C1 --0.045 [1.14] --D --0.015 [0.38] --D1 --0.015 [0.38] --E ------F --0.178 [4.52] --G --0.108 [2.74] --I 0.026 0.66 ----J --P ---
0.320 0.150 [8.13] [3.81] -----
ORDERING INFORMATION
Example: PL340-20-10-1000-F-F-B-C, 20 Lead PLCC, 1000 Isolated Resistors, Absolute Tolerance: 1.0%, Ratio Tolerance: 0.1%, Absolute TCR: 25ppm/C, Ratio TCR: 2ppm/C. PL340 20 10 1000 F F B C MODEL NUMBER OF NUMBER OF RESISTANCE ABSOLUTE RATIO ABSOLUTE TCR RATIO TCR LEADS RESISTORS VALUE TOLERANCE TOLERANCE PPM/C PPM/C % % (To RREF) The first 3 digits are significant PL341 B = 0.1* D = 0.050* B = 25 C = 2* figures and the last specifies the PL342 C = 0.2* F = 0.100 D = 50 D = 3* number of zeros to follow. D = 0.5 H = 0.250 E = 100 F = 5* "R" designates the decimal F = 1.0 J = 0.500 G = 10 point. G = 2.0 K = 1.000 X = N/A Example: 100 ohms = 1000 J = 5.0 X = N/A 1000 ohms = 1001 K = 10.0 M = 20.0 *Value dependent NOTE: Factory will covert order number into final part number.
PACKAGED PRODUCTS NETWORKS
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
www.vishay.com 138
Document Number: 61066 Revision 14-Nov-02


▲Up To Search▲   

 
Price & Availability of PL34220191000MXEX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X